Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRF9UG3392-R1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG3392-R1-PF
Description  DURL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG3392-R1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LHRF9UG3392-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
576
574
10
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Dominant Wave length(nm) at 20 mA
Group
9
572
574
7
8
568
570
570
572
Min.
Max.
9UG CHIP
Color Code
28
21
A7
A10
65
50
A9
A8
38
50
28
38
Group
A5
A6
12
15
15
21
Min.
Max.
9UG CHIP
Luminous Intensity(mcd) at 20 mA
LHRF9UG3392/R1-PF
Brightness Code For Standard LED Lamps
PART NO.
4/9
Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com