Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRF9UG3392-R1-PF Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG3392-R1-PF
Description  DURL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG3392-R1-PF Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LHRF9UG3392-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
L
W
H
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
C/NO:
MADE IN CHINA
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
2. 8 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
H
L
W
1. 500PCS / BAG
PACKING SPECIFICATION
Page 9/9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com