Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHR9UG3343-R1-A-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHR9UG3343-R1-A-PF
Description  BIPOLAR TYPE LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHR9UG3343-R1-A-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHR9UG3343-R1-A-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
700
900
A20
Min.
Max.
350
A17
A19
550
A18
450
A16
300
A15
220
450
700
550
350
300
Luminous Intensity(mcd) at 20 mA
Group
Bin
Code
Brightness Code For Standard LED Lamps
HR CHIP
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LHR9UG3343/R1/A-PF
Page 3/8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com