Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHR9UG3343-R1-A-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHR9UG3343-R1-A-PF
Description  BIPOLAR TYPE LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHR9UG3343-R1-A-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHR9UG3343-R1-A-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Water Clear
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/8
UNIT
HR
Ratings
mA
mA
30
100
μA
℃
10
-40 ~ +85
℃
-40 ~ +100
100
mW
Typ.
Min.
Max.
Luminous
intensity
@20mA(mcd)
Min.
20
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Forward
voltage
@
mA(V)
25
350
220
2.4
1.5
20
660
Viewing
angle
2
θ1/2
(deg)
Symbol
Parameter
IF
IFP
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Ir
Topr
Operating Temperature
Reverse Current @5V
Storage Temperature
Tstg
Power Dissipation
PD
COLOR
Lens
Emitted
PART NO
MATERIAL
Red
GaAlAs
LHR9UG3343/R1/A-PF
Typical Electrical & Optical Characteristics (Ta=25
℃)
Absolute Maximum Ratings at Ta=25
℃
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO. LHR9UG3343/R1/A-PF
9UG
30
60
75
GaP
Green
574
30
1.7
2.6
120
300
Electrostatic Discharge( * )
ESD
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com