Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHR9UG3343-R1-A-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LHR9UG3343-R1-A-PF
Description  BIPOLAR TYPE LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHR9UG3343-R1-A-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LHR9UG3343-R1-A-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHR9UG3343-R1-A-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Brightness Code For Standard LED Lamps
Bin
Code
LHR9UG3343/R1/A-PF
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/8
Luminous Intensity(mcd) at 20 mA
Dominant Wave length(nm) at 20 mA
Group
6
8
9
7
570
572
568
Min.
566
A17
A14
A16
A15
A13
300
350
160
220
120
Group
Min.
568
572
574
570
Max.
350
450
220
300
160
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com