Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS1852A
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS1852A Datasheet HTML 2Page - STMicroelectronics TS1852A Datasheet HTML 3Page - STMicroelectronics TS1852A Datasheet HTML 4Page - STMicroelectronics TS1852A Datasheet HTML 5Page - STMicroelectronics TS1852A Datasheet HTML 6Page - STMicroelectronics TS1852A Datasheet HTML 7Page - STMicroelectronics TS1852A Datasheet HTML 8Page - STMicroelectronics TS1852A Datasheet HTML 9Page - STMicroelectronics TS1852A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
TS185x, TS185xA
6/24
Doc ID 6991 Rev 4
Table 5.
Electrical characteristics measured at VCC+ = +3 V, VCC- = 0 V, with CL and RL connected to
VCC/2, Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = Vout = VCC/2
TS1851/2/4
Tmin ≤ Tamb ≤ Tmax
TS1851A/2A/4A
Tmin ≤ Tamb ≤ Tmax
0.1
3
6
1
1.5
mV
ΔVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
Vicm = Vout = VCC/2
(2)
Tmin ≤ Tamb ≤ Tmax
19
25
nA
Iib
Input bias current
Vicm = Vout = VCC/2
(2)
Tmin ≤ Tamb ≤ Tmax
10
55
85
nA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0
≤ Vicm ≤ VCC
Tmin ≤ Tamb ≤ Tmax
60
57
90
dB
Avd
Large signal voltage gain
Vout = 0.5 to 2.5 V
RL = 10 kΩ
RL = 2 kΩ
83
74
102
102
dB
VOH
High level output voltage
Vid = 100 mV
RL = 10 kΩ
RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 2 kΩ
2.9
2.85
2.9
2.85
2.96
2.94
V
VOL
Low level output voltage
Vid = -100 mV
RL = 10 kΩ
RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 2 kΩ
10
46
90
100
120
130
mV
Io
Output source current
Vid = 100 mV, VO = VCC-, at Tamb
15
47
mA
At Tmin ≤ Tamb ≤ Tmax
5
Output sink current
Vid = -100 mV, VO = VCC+, at Tamb
15
47
mA
At Tmin ≤ Tamb ≤ Tmax
5
ICC
Supply current (per amplifier)
Vout = VCC/2
AVCL = 1, no load
Tmin ≤ Tamb ≤ Tmax
150
200
230
μA
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF, f = 100 kHz 370
600
kHz
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, AV = 1
0.12
0.2
V/
μs
φm
Phase margin
CL = 100 pF
60
Degrees
en
Input voltage noise
f = 1 kHz
40
nV/
√Hz
THD
Total harmonic distortion
Vout =2Vpk-pk, AV = -1, f = 1 kHz
0.005
%
1.
All parameter limits at temperatures other than 25°C are guaranteed by correlation.
2.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com