Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852A Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS1852A
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS1852A Datasheet HTML 16Page - STMicroelectronics TS1852A Datasheet HTML 17Page - STMicroelectronics TS1852A Datasheet HTML 18Page - STMicroelectronics TS1852A Datasheet HTML 19Page - STMicroelectronics TS1852A Datasheet HTML 20Page - STMicroelectronics TS1852A Datasheet HTML 21Page - STMicroelectronics TS1852A Datasheet HTML 22Page - STMicroelectronics TS1852A Datasheet HTML 23Page - STMicroelectronics TS1852A Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
TS185x, TS185xA
Revision history
Doc ID 6991 Rev 4
23/24
5
Revision history
Table 14.
Document revision history
Date
Revision
Changes
01-Feb-2002
1
First release.
01-May-2005
2
Modifications on AMR Table 2 on page 3 (explanation of Vid and Vi
limits)
22-May-2007
3
Added limits in temperature in Table 4, Table 5, and Table 6.
Added SVR in Table 6 (SVR parameter removed from Table 4 and
Table 5).
Added equivalent input voltage noise in Table 4, Table 5, and Table 6.
Added Rthjc values in Table 2 on page 3.
Updated Table 13: Order codes.
12-Mar-2010
4
Updated document format.
Modified headings, added root part number TS185xA and added
Table 1: Device summary on cover page.
Modified Iout parameters in temperature, added limits at Tamb and
improved typical values of Avd in Table 4, Table 5 and Table 6.
Updated package information in Chapter 3.
Removed order codes for DIP package from Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com