Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS1852A
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852A Datasheet(HTML) 1 Page - STMicroelectronics

  TS1852A Datasheet HTML 1Page - STMicroelectronics TS1852A Datasheet HTML 2Page - STMicroelectronics TS1852A Datasheet HTML 3Page - STMicroelectronics TS1852A Datasheet HTML 4Page - STMicroelectronics TS1852A Datasheet HTML 5Page - STMicroelectronics TS1852A Datasheet HTML 6Page - STMicroelectronics TS1852A Datasheet HTML 7Page - STMicroelectronics TS1852A Datasheet HTML 8Page - STMicroelectronics TS1852A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2010
Doc ID 6991 Rev 4
1/24
24
TS185x, TS185xA
1.8 V input/output, rail-to-rail, low power operational amplifiers
Features
■ Operating range from VCC = 1.8 to 6 V
■ Rail-to-rail input and output
■ Extended Vicm (VCC- - 0.2 V to VCC + + 0.2 V)
■ Low supply current (120
μA)
■ Good accuracy (1 mV max for A version)
■ Gain bandwidth product (530 kHz)
■ High unity gain stability (able to drive 500 pF)
■ ESD tolerance (2 kV)
■ Latch-up immunity
■ Available in SOT23-5 micropackage
Applications
■ Two-cell battery-powered systems
■ Battery-powered electronic equipment
■ Cordless phones
■ Cellular phones
■ Laptops
■ PDAs
Description
The TS185x (single, dual and quad) can operate
with voltages as low as 1.8 V. They feature both
input and output rail-to-rail (1.71 at VCC = 1.8 V,
RL =2kΩ), 120 μA current consumption and
530 kHz gain bandwidth product.
With this low consumption and a sufficient GBP
for many applications, these operational
amplifiers are well-suited to all kinds of battery
supplied and portable applications.
The TS1851 is housed in the space-saving 5-pin
SOT23-5 package, which simplifies board design
(outside dimensions are 2.8 mm x 2.9 mm).
Table 1.
Device summary
Reference
Single
version
Dual
version
Quad
version
TS185x
TS1851
TS1852
TS1854
TS185xA
TS1851A
TS1852A
TS1854A
TS1851ILT
TS1854ID/IDT-TS1854IPT
TS1851ID/IDT
TS1852ID/IDT-TS1852IST-TS1852IPT
Pin connections (top view)
1
2
3
5
4
V
CC-
V
CC+
In-
Out
In+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
V
CC-
1
2
3
5
4
8
7
6
N.C.
N.C.
In+
In-
Out
+
_
N.C.
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
www.st.com


Similar Part No. - TS1852A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1852AI STMICROELECTRONICS-TS1852AI Datasheet
171Kb / 17P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
May-2000
TS1852AID STMICROELECTRONICS-TS1852AID Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
TS1852AIN STMICROELECTRONICS-TS1852AIN Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
TS1852AIPT STMICROELECTRONICS-TS1852AIPT Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
TS1852AIST STMICROELECTRONICS-TS1852AIST Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
More results

Similar Description - TS1852A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
logo
Texas Instruments
LMV931 TI-LMV931 Datasheet
725Kb / 26P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com