Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D2R2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MIPSZ2012D2R2
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D2R2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MIPSZ2012D2R2 Datasheet HTML 2Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 3Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 4Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 5Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 6Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 7Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 8Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 9Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Absolute maximum ratings and operating conditions
TS4621B
6/48
Doc ID 022194 Rev 2
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1) during 1ms.
1.
All voltage values are measured with respect to the ground pin.
5.5
V
Vin+,Vin-
Input voltage referred to ground
+/- 1.2
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature(2)
2.
Thermal shutdown is activated when maximum junction temperature is reached.
150
°C
Rthja
Thermal resistance junction to ambient (3)
3.
The device is protected from over-temperature by a thermal shutdown mechanism, active at 150° C.
200
°C/W
Pd
Power dissipation
Internally limited(4)
4.
Exceeding the power derating curves for long periods may provoke abnormal operation.
ESD
Human body model (HBM)(5)
All pins
VOUTR, VOUTL vs. AGND
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
4
kV
Machine model (MM), min. value(6)
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
V
Charge device model (CDM)
All pins
VOUTR, VOUTL
500
750
V
IEC61000-4-2 level 4, contact(7)
IEC61000-4-2 level 4, air discharge(7)
7.
The measurement is performed on an evaluation board, with ESD protection EMIF02-AV01F3.
+/- 8
+/- 15
kV
Lead temperature (soldering, 10 sec)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com