Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D2R2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MIPSZ2012D2R2
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D2R2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MIPSZ2012D2R2 Datasheet HTML 13Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 14Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 15Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 16Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 17Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 18Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 19Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 20Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
TS4621B
Electrical characteristics
Doc ID 022194 Rev 2
17/48
Figure 28.
THD+N vs. output power
RL = 32
Ω, in-phase, VCC = 3.6 V
Figure 29.
THD+N vs. output power
RL = 32
Ω, out-of-phase, VCC = 3.6 V
F=80Hz
F=1kHz
F=8kHz
Vcc = 3.6V, RL = 32
Ω
G = 4dB, Inputs = 0
°
BW < 30kHz, Tamb = 25
°C
F=80Hz
F=1kHz
F=8kHz
Vcc = 3.6V, RL = 32
Ω
G = 4dB, Inputs = 180
°
BW < 30kHz, Tamb = 25
°C
Figure 30.
THD+N vs. output power
RL = 32
Ω, in-phase, VCC = 4.8 V
Figure 31.
THD+N vs. output power
RL = 32
Ω, out-of-phase, VCC = 4.8 V
F=80Hz
F=1kHz
F=8kHz
Vcc = 4.8V, RL = 32
Ω
G = 4dB, Inputs = 0
°
BW < 30kHz, Tamb = 25
°C
F=80Hz
F=1kHz
F=8kHz
Vcc = 4.8V, RL = 32
Ω
G = 4dB, Inputs = 180
°
BW < 30kHz, Tamb = 25
°C
Figure 32.
THD+N vs. output power
RL = 47
Ω, in-phase, VCC = 2.5 V
Figure 33.
THD+N vs. output power
RL = 47
Ω, out-of-phase, VCC = 2.5 V
F=80Hz
F=1kHz
F=8kHz
Vcc = 2.5V, RL = 47
Ω
G = 4dB, Inputs = 0
°
BW < 30kHz, Tamb = 25
°C
F=80Hz
F=1kHz
F=8kHz
Vcc = 2.5V, RL = 47
Ω
G = 4dB, Inputs = 180
°
BW < 30kHz, Tamb = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com