Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D2R2 Datasheet(PDF) 32 Page - STMicroelectronics

Part # MIPSZ2012D2R2
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D2R2 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button MIPSZ2012D2R2 Datasheet HTML 28Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 29Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 30Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 31Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 32Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 33Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 34Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 35Page - STMicroelectronics MIPSZ2012D2R2 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Application information
TS4621B
32/48
Doc ID 022194 Rev 2
Figure 76.
Efficiency comparison
Most audio signals have a crest factor higher than 6 dB (10 dB on average), which means
that most of the time the music level is low. In this case, the setting of the internal DC/DC
converters is low (1.2 V) and in this way, helps to minimize the power dissipation.
When the audio signal amplitude increases due to a peak or louder music, the setting of the
internal DC/DC converters increases to 1.9 V, automatically increasing the output dynamic
range. This 1.9 V value remains until the end of the decay time.
Figure 77 shows a music sample played at high levels.
Figure 77.
Class-G operating with a music sample
Note:
HPVDD/PVSS voltages are created internally by DC/DC converters. To avoid destruction of
the TS4621B power amplifier, do not connect any external power supply on these pins.
0.1
1
10
0.1
1
10
100
TS4601
Class AB
TS4621B
Class G
Both channels enabled
RL = 32
Ω, F = 1KHz
Vcc = 3.6V, Ta = 25 C
Crest Factor = 3dB
Total Output Power (mW)
HPVDD
High 1.9V
HPVDD
Low 1.2V
PVSS
Low -1.2V
PVSS
High -1.9V
Music
Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com