Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV850A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV850A
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV850A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV850A Datasheet HTML 5Page - STMicroelectronics TSV850A Datasheet HTML 6Page - STMicroelectronics TSV850A Datasheet HTML 7Page - STMicroelectronics TSV850A Datasheet HTML 8Page - STMicroelectronics TSV850A Datasheet HTML 9Page - STMicroelectronics TSV850A Datasheet HTML 10Page - STMicroelectronics TSV850A Datasheet HTML 11Page - STMicroelectronics TSV850A Datasheet HTML 12Page - STMicroelectronics TSV850A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID022468 Rev 4
9/31
TSV85x, TSV85xA
Electrical characteristics
31
AC performance
GBP
Gain bandwidth product
RL > 1 MΩ, CL = 200 pF
1.3
MHz
Fu
Unity gain frequency
1
Φm
Phase margin
60
degrees
Gm
Gain margin
10
dB
SR
Slew rate
RL > 1 MΩ, CL = 200 pF
Vout = 0.5 V to VCC - 0.5V
0.7
V/
μs
en
Equivalent input noise voltage
f = 1 kHz
f = 10 kHz
30
20
in
Equivalent input noise current
f = 1 kHz
0.30
THD+N
Total harmonic distortion + noise
fin = 1 kHz, ACL = 1,
RL = 10 kΩ,
Vicm = Vcc/2, BW = 22 kHz,
Vout = 1 Vpp
0.002
%
1.
See Section 4.4: Input offset voltage drift over temperature.
Table 6. Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL
connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
pA
Hz
------------
Table 7. Shutdown characteristics VCC = 5 V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (per channel)
SHDN = VCC-
2.5
50
nA
-40 °C < T< 85 °C
200
-40 °C < T< 125 °C
1.5
µA
ton
Amplifier turn-on time(1)
RL = 2 kΩ,
Vout = VCC- to VCC - + 0.2 V
300
ns
toff
Amplifier turn-off time(1)
RL = 2 kΩ, Vout = VCC+ - 1 V to
VCC+ - 1.2 V
20
VIH
SHDN logic high
VCC-
0.5
V
VIL
SHDN logic low
0.5
IIH
SHDN current high
SHDN = VCC+
10
pA
IIL
SHDN current low
SHDN = VCC-
10
IOLeak
Output leakage in shutdown
mode
SHDN = VCC-
50
-40°C < T< 125°C
1
nA
1.
See Section 4.7: Shutdown function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com