Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV850A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV850A
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV850A Datasheet(HTML) 4 Page - STMicroelectronics

  TSV850A Datasheet HTML 1Page - STMicroelectronics TSV850A Datasheet HTML 2Page - STMicroelectronics TSV850A Datasheet HTML 3Page - STMicroelectronics TSV850A Datasheet HTML 4Page - STMicroelectronics TSV850A Datasheet HTML 5Page - STMicroelectronics TSV850A Datasheet HTML 6Page - STMicroelectronics TSV850A Datasheet HTML 7Page - STMicroelectronics TSV850A Datasheet HTML 8Page - STMicroelectronics TSV850A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Absolute maximum ratings and operating conditions
TSV85x, TSV85xA
4/31
DocID022468 Rev 4
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
6
V
Vid
Differential input voltage(2)
2.
The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
±VCC
Vin
Input pins (IN+ and IN- pins) voltage(3)
3.
VCC-Vin must not exceed 6 V, Vin must not exceed 6 V.
Vcc- - 0.3 to Vcc++ 0.3
Iin
Input current (4)
4.
Input current must be limited by a resistor in series with the inputs.
10
mA
SHDN
Shutdown voltage(5)
5.
VCC-Vshdn must not exceed 6 V, Vin must not exceed 6 V.
VCC- - 0.2 to VCC++ 0.2
V
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(6)(7)
6.
Short-circuits can cause excessive heating and destructive dissipation.
7.
Rth are typical values.
°C/W
SC70-5
205
SOT23-5
250
SOT23-6
240
DFN8 2x2
57
SO8
125
MiniSO8
190
MiniSO10
113
SO14
105
TSSOP14
100
TSSOP16
95
QFN16 3x3
45
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (except shutdown pin)(8)
8.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
4
kV
HBM: human body model (shutdown pin)(8)
3.5
MM: machine model(9)
9.
Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
250
V
CDM: charged device model(10)
10. Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.3
kV
CDM: charged device model TSV855(10)
1
Latch-up immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com