Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV850A Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSV850A
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV850A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSV850A Datasheet HTML 16Page - STMicroelectronics TSV850A Datasheet HTML 17Page - STMicroelectronics TSV850A Datasheet HTML 18Page - STMicroelectronics TSV850A Datasheet HTML 19Page - STMicroelectronics TSV850A Datasheet HTML 20Page - STMicroelectronics TSV850A Datasheet HTML 21Page - STMicroelectronics TSV850A Datasheet HTML 22Page - STMicroelectronics TSV850A Datasheet HTML 23Page - STMicroelectronics TSV850A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Package information
TSV85x, TSV85xA
20/31
DocID022468 Rev 4
5.4
DFN8 package information
Figure 28. DFN8 2x2 mm package mechanical drawing (pitch 0.5 mm)
Table 11. DFN8 2x2 mm package mechanical data (pitch 0.5 mm)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.51
0.55
0.60
0.020
0.022
0.024
A1
0.05
0.002
A3
0.15
0.006
b
0.18
0.25
0.30
0.007
0.010
0.012
D
1.85
2.00
2.15
0.073
0.079
0.085
D2
1.45
1.60
1.70
0.057
0.063
0.067
E
1.85
2.00
2.15
0.073
0.079
0.085
E2
0.75
0.90
1.00
0.030
0.035
0.040
e
0.50
0.020
L
0.425
0.017
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com