Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV855L Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6CV855L
Description  PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV855L Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6CV855L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS8545 06/20/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV855
PLL Clock Driver for 2.5V
SSTL 2 DDR SDRAM Memory
Figure2.OutputLoadTestCircuit
Figure1.IBISModelOutputLoad
–VDDQ/2
VDDQ/2
–VDDQ/2
–VDDQ/2
C=14pF
R =10
Ω
Z = 60
Ω
Z = 50
Ω
Z = 50
Ω
Z = 60
Ω
C=14pF
R =10
Ω
SCOPE
R = 50
Ω
R = 50
Ω
VDD
Z = 60
Ω
Z = 60
Ω
R =120
Ω
DDR
SDRAM
DDR
SDRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com