Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV855L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CV855L
Description  PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV855L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CV855L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8545 06/20/01
ProductDescription
PI6CV855PLLclockdeviceisdevelopedforSSTL_DDRSDRAM
applications. This PLL Clock Buffer is designed for 2.5 VDDQ and
2.5V AVDD operation and differential data input and output levels.
The device is a zero delay buffer that distributes a differential clock
input pair (CLK, CLK) to five differential pairs of clock outputs
(Y[0:4], Y[0:4]) and one differential pair feedback clock outputs
(FBOUT, FBOUT). The clock outputs are controlled by the input
clocks (CLK, CLK), the feedback clocks (FBIN,FBIN), and the
Analog Power input (AVDD). When the AVDD is strapped low, the
PLL is turned off and bypassed for test purposes.
When the input frequency falls below a suggested detection fre-
quency that is below the operating frequency of the PLL, the device
willenteralowpowermode.Inlowpowermode,PLListurnedOFF,
Y[0:4] and Y[0:4] outputs are 3-stated.
The PI6CV855 is able to track Spread Spectrum Clocking to reduce
EMI.
ProductFeatures
• PLLclockdistributionoptimizedforSSTL_2DDRSDRAM
applications.
• Distributes one differential clock input pair to five differential
clock output pairs.
• Inputs(CLK,CLK)and(FBIN,FBIN): SSTL_2
• Outputs (Yx,Yx),(FBOUT,FBOUT): SSTL_2
• External feedback pins (FBIN,FBIN) are used to
synchronize the outputs to the clock input.
• Operates at AVDD = 2.5V for core circuit and internal PLL,
and VDDQ = 2.5V for differential output drivers
• AvailablePackage:
–Plastic28-pinTSSOP
BlockDiagram
PI6CV855
PLL Clock Driver for 2.5V
SSTL 2 DDR SDRAM Memory
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Y0
Y0
Y1
AVDD
FBIN
FBIN
CLK
CLK
PLL
Y1
Y2
Y2
Y3
Y3
Y4
Y4
Logic
and
Test Ciruit
VDDQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
15
16
Y4
FBIN
VDDQ
GND
Y3
Y3
GND
FBIN
FBOUT
FBOUT
VDDQ
Y4
GND
Y0
Y0
CLK
CLK
Y1
GND
VDDQ
VDDQ
A GND
Y2
Y2
Y1
GND
AV DD
28-Pin
L
PinConfiguration


Similar Part No. - PI6CV855L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CV857L PERICOM-PI6CV857L Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CV857LA PERICOM-PI6CV857LA Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
More results

Similar Description - PI6CV855L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CU877 PERICOM-PI6CU877 Datasheet
543Kb / 11P
PLL Clock Driver for 1.8V DDR2 Memory
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
logo
Renesas Technology Corp
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com