Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CV855L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CV855L
Description  PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV855L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CV855L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CV855L Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8545 06/20/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV855
PLL Clock Driver for 2.5V
SSTL 2 DDR SDRAM Memory
Absolute Maximum Ratings (Over operating free-air temperature range)
Note: Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
V Q
D
D
V
A
,
D
D
e
g
n
a
r
e
g
a
tl
o
v
y
l
p
p
u
s
e
r
o
c
/
g
o
l
a
n
a
d
n
a
e
g
n
a
r
e
g
a
tl
o
v
y
l
p
p
u
s
O
/I5
.
0
–6
.
3
V
VI
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
n
I5
.
0
–
V Q
D
D
5
.
0
+
VO
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
t
u
O5
.
0
–
g
t
s
Te
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S5
6
–0
5
1
oC
Notes:
1. The PLL is able to handle spread spectrum induced skew.
2. Operating clock frequency indicates a range over which the PLL is able to lock, but in which the clock is
not required to meet the other timing parameters. (Used for low-speed debug).
3. Application clock frequency indicates a range over which the PLL meets all of the timing parameters.
TimingRequirements(Overrecommendedoperatingfree-airtemperature)
l
o
b
m
y
Sn
o
it
p
i
r
c
s
e
D
V
A D
D V
,
Q
D
D
V
2
.
0
±
V
5
.
2
=
s
ti
n
U
.
n
i
M.
x
a
M
f K
C
y
c
n
e
u
q
e
rf
k
c
o
l
c
g
n
it
a
r
e
p
O
)
2
,1
(
0
60
7
1
z
H
M
y
c
n
e
u
q
e
rf
k
c
o
l
c
n
o
it
a
ci
l
p
p
A
)
3
(
5
90
7
1
t C
D
el
c
y
c
y
t
u
d
k
c
o
l
c
t
u
p
n
I0
40
6%
t B
A
T
S
p
u
r
e
w
o
p
r
e
tf
a
e
m
it
n
o
it
a
zi
li
b
a
t
s
L
L
P0
0
1s
µ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com