Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD15 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # ALD15
Description  High efficiency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ALD15 Datasheet(HTML) 2 Page - Artesyn Technologies

  ALD15 Datasheet HTML 1Page - Artesyn Technologies ALD15 Datasheet HTML 2Page - Artesyn Technologies ALD15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALD15 Series Data Sheet
Ordering Information
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency2
ALD03B48(N)-(L)/(6L)/(SL)
36 - 75 V
12 V
2.75 A
90.5%
ALD07A48(N)-(L)/(6L)/(SL)
36 - 75 V
5.0 V
7.00 A
91%
ALD10F48(N)-(L)/(6L)/(SL)
36 - 75 V
3.3 V
10.00 A
90%
ALD11G48(N)-(L)/(6L)/(SL)
36 - 75 V
2.5 V
11.00 A
89%
ALD13Y48(N)-(L)/(6L)/(SL)
36 - 75 V
1.8 V
13.00 A
87%
ALD15M48(N)-(L)/(6L)/(SL)
36 - 75 V
1.5 V
15.00 A
85%
ALD15K48(N)-(L)/(6L)/(SL)
36 - 75 V
1.2 V
15.00 A
84%
Notes:
Efficiency values taken at nominal imput full load condition, 25 ºC ambient temperature.
Options:
“N” = Designates Negative Logic Enable (default is Positive Enable with no suffix “N” required)
“L” = RoHS compliant
“-6L” = 3.7 mm nominal pin length (default is 5 mm nominal pin length with no suffix “-6” required), RoHS compliant
“-SL” = Surface Mount Termination (default is thru hole termination with no suffix “-S” required) RoHS compliant. STRL designates Taped and Reeled option for SMT.
Mechanical Drawings
Through-hole Termination
Ø0.04 [1.0] (6x)
1.30 [33.02±0.5]
1.10 [27.94]
0.1 [2.54]
0.9 [22.86±0.5]
"L"(SEE TABLE 2 )
MODEL
ALDxxx48-L,ALDxxx48N-L
ALDxxx48-6L,ALDxxx48N-6L
PIN"L" mm
5.0±0.3
3.7±0.3
TABLE2
ALDxxx48-8L,ALDxxx48N-8L
2.8±0.3
Ø0.06 [1.60] 2X
PIN 1
1.30 [33.02±0.5]
1.10 [27.94]
0.1 [2.54]
c
0.15
4
0.9 [22.86±0.5]
PIN 1
Surface-mount Termination
Pin Assignments
Single Output
Pin 1
+Vin
Pin 2
Enable
Pin 3
-Vin
Pin 4
-Vout
Pin 5
-Sense
Pin 6
Trim
Pin 7
+Sense
Pin 8
+Vout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com