Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD15 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # ALD15
Description  High efficiency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ALD15 Datasheet(HTML) 3 Page - Artesyn Technologies

  ALD15 Datasheet HTML 1Page - Artesyn Technologies ALD15 Datasheet HTML 2Page - Artesyn Technologies ALD15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALD Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2015 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
ALD15 Series DS 08Oct2015
Mechanical Drawings
Recommended Pick-up Point
Recommended PAD/Hole Pattern
0.10 [2.54]
1.10 [27.94]
1.30 [33.02]
RECOMMEND PAD LAYOUT FOR SMD VERSION
(VIEW FROM TOP SIDE OF CUSTOMER PCB)
0.10 [2.54]
1.10 [27.94]
1.30 [33.02]
RECOMMEND PAD LAYOUT FOR THROUGH HOLE
VERSION (VIEW FROM TOP SIDE OF CUSTOMER
PCB)
ØA(2X)
ØB(5X)
HOLE & PAD DIAMETER FOR CUSTOMER (RECOMMENDED)
HOLE DIAMETER (Ød) PAD DIAMETER (ØD)
ØA
ØB
Ø1.9
Ø1.3
Ø2.9
Ø2.3
TABLE1
Ø0.12 [Ø3.00](
8X)
Mechanical Drawings
Surface Mount
Through Hole
12.19
SUGGESTED PICK UP
POINT
Notes:
1. 20 MHz bandwidth. External 10 μF tant.capacitor in parallel with 0.1uF ceramic capacitor placed across + Vout and -Vout; 33 μF e-cap or equivalent placed across +Vin and -Vin.
2. Efficiency measurements taken at full load, nominal line and TA = 25 °C
3. All specifications are typical at nominal line, full load and TA = 25 °C unless otherwise noted.
4. Mechanical drawings are for reference only. Dimensions are in inches [mm]. Mechanical tolerance ± 0.020 [± 0.50]
5. Technical Reference Notes should be consulted for detailed information when available.
6. All specifications subject to change without notice.
7. Warranty two (2) years.
8. The through-hole terminated modules are intended for wave soldering process.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com