Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD15 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ALD15
Description  High efficiency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ALD15 Datasheet(HTML) 1 Page - Artesyn Technologies

  ALD15 Datasheet HTML 1Page - Artesyn Technologies ALD15 Datasheet HTML 2Page - Artesyn Technologies ALD15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
ALD15 Series
15 Amps
Total Power: 35 Watts
Input Voltage: 48 V
# of Outputs: Single
SPECIAL FEATURES
ƒ
High efficiency
ƒ
-40 °C to +75 °C ambient air
operation
ƒ
1.30” x 0.90” x 0.35” TH or SMT
package
ƒ
High capacitive load limit on start-
up
ƒ
Industry standard feature sets:
UVLO, OVP, OCP, OTP, on/off
enable, remote sense, output trim
ƒ
Basic insulation
ƒ
Regulation to zero load
ƒ
Fixed frequency switching
ƒ
EU Directive 2002/95/EC compliant
for RoHS
SAFETY
ƒ
UL, cUL: 60950-1
ƒ
TUV: EN60950-1
Electrical Specifications
Input
Input range
36 to 76 Vdc
Input surge
100 V / 100 ms
Efficiency
90.5% @ 12 V
Output
Line regulation
±0.1% Vo (typical)
Load regulation
±0.1% Vo (typical)
Noise/ripple1
40 mVp-p (typical)
Remote sense
Up to 10% of Vo
Transient response
3% Vo (typical deviation
50% to 75% load change
80 μs setting time (typical)
Overvoltage protection
125% Vo typical (autorecovery)
Overcurrent protection
115% Io typical (autorecovery)
Overtemperature protection
115 °C average PCB temperature (autorecovery)
Switching frequency
Fixed frequency
Isolation voltage
1500 Vdc minimum (2000 Vdc ALD10F48N)
Control
Voltage adjust
90 - 100% Vo
Enable
TTL compatible
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-40 °C to +125 °C
MTBF
1 million hours


Similar Part No. - ALD15

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
ALD15 ADVANCEDENERGY-ALD15 Datasheet
429Kb / 5P
15 Amps
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502 ALD-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
ADL Embedded Solutions
ALD1502 ADL-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
More results

Similar Description - ALD15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
High efficiency
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
High efficiency
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
High efficiency
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
High Efficiency
logo
Taoglas antenna solutio...
SDWA.01 TAOGLAS-SDWA.01 Datasheet
1Mb / 20P
High Efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
High efficiency.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com