Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE577C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE577C
Description  40V 150mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE577C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE577C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE577C
40V 150mA Low Consumption Linear Regulator
VER 1.1
3
Recommended Work Conditions
Item
Min
Max.
Unit
Input Voltage Range
3
40
V
Ambient Temperature
-40
85
Block Diagram
Explanation
ACE577C is a series of low dropout voltage and low power consumption regulator. Its application circuit is
very simple, which only needs two outside capacitors. It is composed of these modules: high accuracy
voltage reference, current limit circuit, error amplifier, output driver and power transistor.
Current Limit module can keep chip and power system away from danger when load current is more than
180mA.
ACE577C uses trimming technique to assure the accuracy of output value within±2%, at the same time,
temperature compensation is elaborately considered in this chip, which makes ACE577C
’s temperature
coefficient within ±100ppm/℃。



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com