Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE577C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE577C
Description  40V 150mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE577C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE577C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE577C
40V 150mA Low Consumption Linear Regulator
VER 1.1
1
Description
ACE577C series is a group of positive voltage output, low power consumption, low dropout voltage
regulator. It can provide 150mA output current when input / output voltage differential drops to 400mV
(Vout = 5V), and it also provides fold back short-circuit protection, thermal protection and output current
limit function. The very low power consumption of ACE577C (Iq = 2.5uA) can greatly improve natural life
of batteries.
ACE577C can provide output value in the range of 1.2V~5.0V in 0.1V steps. It also can customize on
command.
ACE577C includes high accuracy voltage reference, error amplifier, and current limit circuit and output
driver module.
ACE577C has well load transient response and good temperature characteristic, And it uses trimming
technique to guarantee output voltage accuracy within±2%.
Features
Low Power Consumption: 2.5uA(Typ.)
Maximum Output Current: 150mA
Small Dropout Voltage
400mV@100mA (Vout=5V)
Input Voltage Range: 3V~40V
Output Voltage Range: 1.2V~5.0V (Vout>5V customized)
Highly Accurate:±2%(±1% customized)
Output Current Limit: 180mA
Application
Battery Powered equipment
Power Management of MP3、PDA、DSC、 Mouse、PS2 Games
Reference Voltage Source Regulation after Switching Power
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
48V
Operating Junction Temperature(Tj)
125℃
Ambient Temperature(Ta)
-40 ℃-85℃
Power Dissipation (PD@Ta=25℃)
Storage Temperature(Ts)
SOT-23-3
250mW
SOT-23-5
400mW
SOT-89-3
500mW
Lead Temperature & Time
-40℃ -150℃
Power Dissipation (PD@Ta=25)
260℃,10S


Similar Part No. - ACE577C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
More results

Similar Description - ACE577C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
SHANGHAI BELLING CO., L...
BL8078 BELLING-BL8078 Datasheet
1,005Kb / 5P
40V 150mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MPQ2013BGQ-33 MPS-MPQ2013BGQ-33 Datasheet
462Kb / 8P
40V, 150mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
AiT Semiconductor Inc.
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
logo
Renesas Technology Corp
ISL80410 RENESAS-ISL80410 Datasheet
783Kb / 12P
40V, Low Quiescent Current, High Accuracy, 150mA Linear Regulator
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com