Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE577C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE577C
Description  40V 150mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE577C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE577C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE577C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE577C
40V 150mA Low Consumption Linear Regulator
VER 1.1
4
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF, Ta=25℃, Unless Otherwise Specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
Vin
3
40
V
Output Voltage
Vout>1.5V
Vout
Vin-Vout=1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
X1.02
V
Vout≤1.5V
Vout
-0.03
Vout
+0.03
Maximum Output Current
Iout(Max.)
Vin-Vout=1V
150
mA
Input-Output Voltage Differential
Dropout
Voltage
Iout=100mA, Vout
= 5V
400
mV
Line Regulation
Vout
Vin.Vout
Iout=10mA,
4V≤Vin≤40V
0.2
0.3
%/V
Load Regulation
Vout
Vin=Set Vout+1V
1mA≤Iout≤100mA
20
40
mV
Quiescent Current
Iq
Vin=Set Vout+1V
2.5
5
uA
Output Voltage Temperature
Coefficient
T.Vout
Iout=10mA
±100
ppm/°C
Thermal Shutdown
130
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com