Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4056P Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4056P
Description  100mA, Single Li-ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4056P Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4056P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE4056P
100mA, Single Li-ion Battery Charger
VER 1.1
2
Packaging Type
SOT23-5
Pin Description
Pin Number
Pin Name
Function
1
CHGb
Open-Drain Charge Status Output. When the battery is charging, the
CHGb pin is pulled low. When the charge cycle is completed or VCC is
removed, the CHGb is forced high impedance.
2
GND
Ground
3
BAT
Charge Current Output. Provides charge current to the battery and
regulates the final float voltage to 4.2V or 4.35V.
4
VCC
Power Supply
5
PROG
Charge current setting, charge current monitor and shutdown pin. The
charging current is given by I BAT= (1/RPROG)*100.
Ordering information
ACE4056P XX XX + H
Pb - free
4.2V/4.35V
V
Halogen - free
BN:SOT23-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com