Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4056P Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4056P
Description  100mA, Single Li-ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4056P Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4056P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE4056P
100mA, Single Li-ion Battery Charger
VER 1.1
1
Description
The ACE4056P is a complete constant-current/ constant voltage linear charger for single cell
Lithium-Ion batteries. No external sense resistor is needed, and no blocking diode is required due to the
internal MOSFET architecture. The charge voltage is fixed at 4.2V or 4.35V, and the charge current can
be programmed externally with a single resistor.
The ACE4056P automatically terminates the charge cycle when the charge current drops to 1/10 the
programmed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is removed, the ACE4056P automatically enters a
low current state, dropping the battery drain current to less than 0.5uA.
The ACE4056P is available in a small package with SOT-23-5. Standard product is Pb-Free.
Features
Programmable Charge Current Up to 100mA
Under Voltage Lockout Protection
Automatic Recharge Threshold 4.05V(Typ.)
Charge Status Output Pin
3.0V Trickle Charge Threshold
Soft-Start Limits Inrush Current
Application
Wearable Devices
MP3/MP4 Players
U-key
Bluetooth, wireless handsets
Others portable electronic device
Absolute Maximum Ratings
Symbol
Items
Value
Unit
VCC
Input Voltage
-0.3~6
V
VPROG
PROG Voltage
-0.3~VCC
V
VBAT
BAT Voltage
-0.3~6
V
VCHGb
CHGb Voltage
-0.3~VCC
V
PDMAX
Power Dissipation
SOT23-5
0.3
W
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-55 to 150
℃
Tsolder
Package Lead Soldering Temperature
260℃, 10s
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE4056P

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054BN+H ACE-ACE4054BN+H Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054BN+H ACE-ACE4054BN+H Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054C ACE-ACE4054C Datasheet
1Mb / 15P
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
More results

Similar Description - ACE4056P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Monolithic Power System...
MPQ5411 MPS-MPQ5411 Datasheet
970Kb / 21P
100mA sync regulator with Li-ion battery charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
600mA, Single Li-ion Battery Charger
WS4508S WILLSEMI-WS4508S Datasheet
393Kb / 13P
1000mA, Single Li-ion Battery Charger
WS4518D WILLSEMI-WS4518D Datasheet
362Kb / 13P
300mA, Single Li-ion Battery Charger
WS4518DH WILLSEMI-WS4518DH Datasheet
367Kb / 14P
300mA, Single Li-ion Battery Charger
WS4518E WILLSEMI-WS4518E Datasheet
330Kb / 11P
300mA, Single Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com