Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4056P Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE4056P
Description  100mA, Single Li-ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4056P Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE4056P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4056P Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE4056P
100mA, Single Li-ion Battery Charger
VER 1.1
4
Electrical Characteristics The following specifications apply for VCC=5V TA=25℃, unless specified otherwise.
Symbol
Items
Conditions
Min
Typ
Max
Units
I
SPLYCHRG
Charge Mode GND Current
R
PROG=1kΩ
84
µA
I
BATCHRG
Charge Mode Battery Current
R
PROG=1kΩ
96
100
104
mA
R
PROG=2kΩ
50
mA
V
PROGCHRG
PROG Pin Voltage
R
PROG=1kΩ
0.96
1
1.04
V
R
PROG=2kΩ
0.96
1
1.04
V
I
SPLYSTBY
Standby Mode Supply Current
Charge Terminated
70
µA
I
BATSTBY
Standby Mode Battery Current
Charge Terminated
2
µA
I
SPLYASD
Shutdown Mode Supply Current
V
CC<VBAT
27
µA
I
BATASD
Shutdown Mode BAT Pin Current
V
CC<VBAT
0.5
µA
I
BATSLEEP
Sleep Mode BAT Pin Current
VCC=0V
4.35
0.1
µA
V
FLOAT
Float Voltage
4.158
4.2
4.242
V
4.306
4.35
4.394
I
TRIKL
Trickle Charge Current
R
PROG=1kΩ
10
mA
V
TRIKL
Trickle Charge Voltage Threshold
2.9
3
3.1
V
V
TRIKL, HYS
Trickle Charge Voltage Hysteresis
100
mV
V
UVLO
UVLO Threshold
VCC from Low to
High
3.5
3.7
3.9
V
V
UVLO, HYS
UVLO Hysteresis
200
mV
V
ASD
VCC-VBAT Lockout Threshold
Voltage
VCC from High to
Low
50
mV
VCC from Low to
High
150
mV
ΔV
RECHRG
Auto Recharge Battery Voltage
100
150
200
mV
V
CHGb
CHGb Pin Output Low Voltage
ICHGb=8mA
0.3
0.6
V
R
ON
Power FET ON Resistance
2.3
Ω
T
SS
Soft-Start Time
120
us
T
RECHRG
Recharge Comparator Filter Time
2
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com