Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA187 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187
Description  Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA187 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA187 Datasheet HTML 17Page - Texas Instruments OPA187 Datasheet HTML 18Page - Texas Instruments OPA187 Datasheet HTML 19Page - Texas Instruments OPA187 Datasheet HTML 20Page - Texas Instruments OPA187 Datasheet HTML 21Page - Texas Instruments OPA187 Datasheet HTML 22Page - Texas Instruments OPA187 Datasheet HTML 23Page - Texas Instruments OPA187 Datasheet HTML 24Page - Texas Instruments OPA187 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Input Voltage (V)
0
0.5
1
1.5
0
0.025
0.05
0.1
Load
0.075
2
D001
21
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807 – DECEMBER 2016
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
The design requirements are:
•
Supply voltage: 5 V DC
•
Input: 0 V to 2 V DC
•
Output: 0 mA to 100 mA DC
8.2.1.2 Detailed Design Procedure
The V-I transfer function of the circuit is based on the relationship between the input voltage, VIN, and the three
current sensing resistors, RS1, RS2, and RS3. The relationship between VIN and RS1 determines the current that
flows through the first stage of the design. The current gain from the first stage to the second stage is based on
the relationship between RS2 and RS3.
This application benefits from an operational amplifier with low offset voltage, low temperature drift, and rail-to-
rail output. The OPAx187 CMOS operational amplifier is a high-precision, ultra-low offset, ultra-low drift amplifier,
optimized for wide-voltage, single-supply operation, with an output swing to within 5 mV of the positive rail. The
OPAx187 family uses chopping techniques to provide low initial offset voltage and near-zero drift over time and
temperature. Low offset voltage and low drift reduce the offset error in the system, making this device
appropriate for precise dc control. The rail-to-rail output stage of the OPAx187 makes sure that the output swing
of the operational amplifier is able to fully control the gate of the MOSFET devices within the supply rails.
A detailed error analysis, design procedure, and additional measured results are given in reference design
TIPD102, a step-by-step process to design a High-Side Voltage-to-Current (V-I) Converter.
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test
results, refer to TI Precision Design TIPD102, High-Side Voltage-to-Current (V-I) Converter (SLAU502).
8.2.1.3 Application Curves
Figure 42 shows the measured transfer function for the high-side voltage-to-current converter shown in
Figure 41.
Figure 42. Measured Transfer Function for High-Side V-I Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com