Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA187 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187
Description  Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA187 Datasheet(HTML) 3 Page - Texas Instruments

  OPA187 Datasheet HTML 1Page - Texas Instruments OPA187 Datasheet HTML 2Page - Texas Instruments OPA187 Datasheet HTML 3Page - Texas Instruments OPA187 Datasheet HTML 4Page - Texas Instruments OPA187 Datasheet HTML 5Page - Texas Instruments OPA187 Datasheet HTML 6Page - Texas Instruments OPA187 Datasheet HTML 7Page - Texas Instruments OPA187 Datasheet HTML 8Page - Texas Instruments OPA187 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Thermal
Pad
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
Not to scale
3
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807 – DECEMBER 2016
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA187: DBV Package
5-Pin SOT-23
Top View
OPA187: D and DGK Packages
8-Pin SOIC and 8-pin VSSOP
Top View
(1)
NC denotes no internal connection.
Pin Functions: OPA187
PIN
I/O
DESCRIPTION
NAME
DBV
(SOT-23)
D (SOIC)
DGK (VSSOP)
+IN
3
3
I
Non-inverting input
–IN
4
2
I
Inverting input
NC
—
1, 5, 8
—
No connection (can be left floating)
OUT
1
6
O
Output signal
V+
5
7
—
Positive (highest) supply voltage
V–
2
4
—
Negative (lowest) supply voltage
OPA2187: D and DGK Packages
8-Pin SOIC and 8-Pin VSSOP
Top View
OPA2187: DRG Package
8-Pin VSON
Top View
Pin Functions: OPA2187
PIN
I/O
DESCRIPTION
NAME
NO.
+IN A
3
I
Non-inverting input, channel A
–IN A
2
I
Inverting input, channel A
+IN B
5
I
Non-inverting input, channel B
–IN B
6
I
Inverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V+
8
—
Positive (highest) supply voltage
V–
4
—
Negative (lowest) supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com