Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA187 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187
Description  Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA187 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA187 Datasheet HTML 9Page - Texas Instruments OPA187 Datasheet HTML 10Page - Texas Instruments OPA187 Datasheet HTML 11Page - Texas Instruments OPA187 Datasheet HTML 12Page - Texas Instruments OPA187 Datasheet HTML 13Page - Texas Instruments OPA187 Datasheet HTML 14Page - Texas Instruments OPA187 Datasheet HTML 15Page - Texas Instruments OPA187 Datasheet HTML 16Page - Texas Instruments OPA187 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Time (25 µs/div)
VOUT
VIN
C017
45
50
55
60
65
Time (5 µs/div)
C017
0.01% Settling = “1mV
t
0 = 45 µs
Time (2.5 µs/div)
VOUT
VIN
C017
Time (25 µs/div)
VOUT
VIN
C017
Time (2 µs/div)
C017
V
OUT
V
IN
Time (1 µs/div)
VOUT
VIN
C017
13
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807 – DECEMBER 2016
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 25. Negative Overload Recovery
Figure 26. Small-Signal Step Response
(100 mV)
Figure 27. Small-Signal Step Response
(100 mV)
Figure 28. Large-Signal Step Response
Figure 29. Large-Signal Step Response
Figure 30. Large-Signal Settling Time
(10-V Positive Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com