Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4N Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 170 page
background image
Rev. 1.30
80
De�e��e� 1�� �01�
Rev. 1.30
81
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
TM0RP Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
TM0RP:TM0CCRPHighByteRegisterbit7~bit0
TM0CCRP8-bitregister,comparedwiththeTM0Counterbit15~bit8.Comparator
PMatchPeriod
0:65536TM0clocks
1~255:256×(1~255)TM0clocks
TheseeightbitsareusedtosetupthevalueontheinternalCCRP8-bitregister,which
arethencomparedwiththeinternalcounter’shighesteightbits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheT0CCLRbitissetto
zero.SettingtheT0CCLRbittozeroensuresthatacomparematchwiththeCCRP
valueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwiththe
highesteightcounterbits,thecomparevaluesexistin256clockcyclemultiples.
Clearingalleightbitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.
Standard Type TM Operating Modes
TheStandardTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingtheT0M1andT0M0bitsintheTM0C1register.
Compare Output Mode
Toselectthismode,bitsT0M1andT0M0intheTM0C1register,shouldbesetto00respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhentheT0CCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchfromComparatorP,theotheriswhentheCCRPbitsareallzerowhichallows
thecountertooverflow.HerebothT0AFandT0PFinterruptrequestflagsforComparatorAand
ComparatorPrespectively,willbothbegenerated.
IftheT0CCLRbitintheTM0C1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheT0AFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
T0CCLRishighnoT0PFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto“0”.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchange
state.TheTMoutputpinconditionhoweveronlychangesstatewhenaT0AFinterruptrequestflag
isgeneratedafteracomparematchoccursfromComparatorA.TheT0PFinterruptrequestflag,
generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTMoutput
pin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthe
T0IO1andT0IO0bitsintheTM0C1register.TheTMoutputpincanbeselectedusingtheT0IO1
andT0IO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematch
occursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafterthe
T0ONbitchangesfromlowtohigh,issetupusingtheT0OCbit.NotethatiftheT0IO1andT0IO0
bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com