Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4N Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
Rev. 1.30
�0
De�e��e� 1�� �01�
Rev. 1.30
�1
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
A/D Converter Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
A/D Conve�te� Ope�ating Voltage
—
—
�.7
—
5.5
V
VADI
A/D Conve�te� Input Voltage
—
—
0
—
VREF
V
VREF
A/D Conve�te� Refe�en�e Voltage
—
—
�
—
VDD
V
IADC
Additional Cu��ent fo� A/D
Conve�te� Ena�le
3V
No load
—
0.90
1.35
�A
5V
—
1.�0
1.80
DNL
Diffe�ential Non-linea�ity
5V
VREF = VDD� tADCK = 0.5μs
—
±1
±3
LSB
INL
Integ�al Non-linea�ity
5V
VREF = VDD� tADCK = 0.5μs
—
±�
±�
LSB
tADCK
A/D Conve�te� Clo�k Pe�iod
—
—
0.5
—
10
μs
tADC
A/D Conve�te� Conve�sion Ti�e
(A/D Sa�ple and Hold Ti�e)
—
—
—
1�
—
tADCK
tADS
A/D Conve�te� Sa�pling Ti�e
—
—
—
�
—
tADCK
tON�ST
A/D Conve�te� On-to-Sta�t Ti�e
—
—
�
—
—
μs
Over Current Circuit Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
IOCP
Ope�ating Cu��ent
3V
OCPnM[1:0]= 01B o� 10B
D/A Conve�te� �efe�en�e
voltage=�.5V
—
300
500
μA
5V
—
�50
�00
VOS_CMP
Co�pa�ato� Input Offset Voltage
5V
Without �ali��ation�
CnOF[�:0] =10000B
-15
—
15
�V
With �ali��ation
-�
—
�
�V
VHYS
Hyste�esis
5V
—
�0
�0
�0
�V
VCM_CMP
Co�pa�ato� Co��on Mode
Voltage Range
5V
—
VSS
—
VDD-
1.�
V
VOS_OPA
OPA Input Offset Voltage
5V
Without �ali��ation�
AnOF[5:0]=100000B
-15
—
15
�V
With �ali��ation
-�
—
�
�V
VCM_OPA
OPA Co��on Mode Voltage
Range
5V
—
-0.�
—
VDD-
1.�
V
DNL
Diffe�ential Nonlinea�ity
5V
D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±1
LSB
INL
Integ�al Nonlinea�ity
5V
D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±�
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com