Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4N Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 170 page
background image
Rev. 1.30
��
De�e��e� 1�� �01�
Rev. 1.30
�3
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
Over/Under Voltage Circuit Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
IOVP
Ope�ating Cu��ent
3V
OVPEN=1
—
300
500
μA
5V
—
�50
�00
IUVP
Ope�ating Cu��ent
3V
UVPEN=1
—
300
500
μA
5V
—
�50
�00
VOS
Input Offset Voltage
5V
—
-10
—
10
�V
VHYS
Hyste�esis
5V
—
�0
�0
�0
�V
VCM
Co��on Mode Voltage Range
5V
—
VSS
—
VDD-
1.�
V
DNL
Diffe�ential Nonlinea�ity
5V
D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±1
LSB
INL
Integ�al Nonlinea�ity
5V
D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±�
LSB
USB Charge/Discharge Detection Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.55
—
5.5
V
VDP_SRC
D0+ Output Voltage
—
D0+ output sou��e �u��ent at
250μA
0.5
0.�
0.7
V
VDACO
D1+� D1-� D�+� D�- Output
Voltage Range
—
—
VSS
—
VREF
V
VREF
DAC0� DAC1 Refe�en�e
Voltage
—
—
�.0
—
VDD
V
IDAC
Additional Cu��ent fo� DAC
Ena�le
3V
No load
—
0.�
0.9
�A
5V
No load
—
1.0
1.5
�A
DNL
Diffe�ential Nonlinea�ity
5V
D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±1
LSB
INL
Integ�al Nonlinea�ity
5V
D/A Conve�te� �efe�en�e
voltage=VDD
—
—
±�
LSB
RO
DAC0� DAC1 R�R Output
Resistan�e
5V
—
—
5
—
KΩ
RON
Analog Swit�h on Resistan�e
�etween D1+ and D1-
5V
D1+ pin input 0.8V� D1- output
�u��ent 1�A
—
1�5
�00
Ω
Analog Swit�h on Resistan�e
�etween D�+ and D�-
5V
D�+ pin input 0.8V� D�- output
�u��ent 1�A
—
1�5
�00
Ω
RPL
Pull-low Resistan�e fo� D0+�
D0-� D1+� D1-� D�+. D�-
5V
—
�00
700
1�00
KΩ
ERR
The E��o� fo� D1+� D1-� D�+�
D�- Output Voltage
5V
DAC �efe�en�e = VDD�
DAC digital value = 1�8�
D1+� D1-� D�+ o� D�- �onne�t
150kΩ to ground
�.57
�.7
�.8�
V
5V
DAC �efe�en�e = VDD�
DAC digital value = 110�
D1+� D1-� D�+ o� D�- �onne�t
150kΩ to ground
1.9
�.0
�.1
V
tDP_SRC
VDP_SRC Tu�n on Sta�le Ti�e
—
VBG is off
—
—
�00
μs
—
VBG is on
—
—
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com