Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5N Datasheet(PDF) 90 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 90 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 94Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 202 page
background image
Rev. 1.00
90
�ove��e� 1�� �01�
Rev. 1.00
91
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Periodic Type TM – PTM
ThePeriodicTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.
fSYS
fSYS/4
fH/�4
fH/1�
fTBC
PTCK
000
001
010
011
100
101
110
111
PTCK�~PTCK0
10-�it Count-up Counte�
10-�it Co�pa�ato� P
CCRP
�0~�9
�0~�9
10-�it Co�pa�ato� A
PTO�
PTPAU
Co�pa�ato� A Match
Co�pa�ato� P Match
Counte� Clea� 0
1
Output
Cont�ol
Pola�ity
Cont�ol
PTP Pin
Input/Output
PTP
PTOC
PTM1� PTM0
PTIO1� PTIO0
PTMAF Inte��upt
PTMPF Inte��upt
PTPOL
CCRA
PTCCLR
Edge
Detecto�
PTIO1� PTIO0
fH
1
0
PTCAPTS
Periodic Type TM Block Diagram
Periodic TM Operation
ThePeriodicTypeTMcoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternal
orexternalclocksource.Therearealsotwointernalcomparatorswiththenames,ComparatorA
andComparatorP.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRA
registers.TheCCRPcomparatoris10-bitwide.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingthePTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aPTMinterruptsignalwillalsousuallybegenerated.ThePeriodic
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolmorethanoneoutputpin.Alloperatingsetup
conditionsareselectedusingrelevantinternalregisters.
Periodic Type TM Register Description
OveralloperationofthePeriodicTypeTMiscontrolledusingaseriesofregisters.Areadonly
registerpairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexist
tostoretheinternal10-bitCCRAvalueandCCRPvalue.Theremainingtworegistersarecontrol
registerswhichsetupthedifferentoperatingandcontrolmodes.
Register
Name
Bit
7
6
5
4
3
2
1
0
PTMC0
PTPAU
PTCK�
PTCK1
PTCK0
PTO�
—
—
—
PTMC1
PTM1
PTM0
PTIO1
PTIO0
PTOC
PTPOL PTCAPTS PTCCLR
PTMDL
D7
D�
D5
D4
D3
D�
D1
D0
PTMDH
—
—
—
—
—
—
D9
D�
PTMAL
D7
D�
D5
D4
D3
D�
D1
D0
PTMAH
—
—
—
—
—
—
D9
D�
PTMRPL
D7
D�
D5
D4
D3
D�
D1
D0
PTMRPH
—
—
—
—
—
—
D9
D�
10-bit Periodic TM Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com