Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5N Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 202 page
background image
Rev. 1.00
�0
�ove��e� 1�� �01�
Rev. 1.00
�1
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Over Current Protection Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOCP
Ope�ating Cu��ent
5V
OCPnE�[1:0]=01B�
DAC VREF=�.5V
—
730
1�50
μA
VOS_CMP
Co�pa�ato� Input Offset
Voltage
5V
Without cali��ation
(OCPnCOF[4:0]=10000B)
-15
—
15
�V
5V
With cali��ation
-4
—
4
�V
VHYS
Hyste�esis
5V
—
�0
40
�0
�V
VCM_CMP
Co�pa�ato� Co��on
Mode Voltage Range
5V
—
VSS
—
VDD -1.4
V
VOS_OPA
OPA Input Offset Voltage
5V
Without cali��ation
(OCPnOOF[5:0]=100000B)
-15
—
15
�V
5V
With cali��ation
-4
—
4
�V
VCM_OPA
OPA Co��on Mode
Voltage Range
3V
—
VSS
—
VDD -1.4
V
5V
—
VSS
—
VDD -1.4
V
VOR
OPA Maxi�u� Output
Voltage Range
3V
—
VSS +0.1
—
VDD -0.1
V
5V
—
VSS +0.1
—
VDD -0.1
V
Ga
PGA Gain Accu�acy
5V
All gain
-5
—
5
%
D�L
Diffe�ential �onlinea�ity
5V
DAC VREF=VDD
—
—
±1
LSB
I�L
Integ�al �onlinea�ity
5V
DAC VREF=VDD
—
—
±1.5
LSB
Over / Under Voltage Protection Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOUVP
Ope�ating Cu��ent
5V
UVPnE�=1� OVPnE�=1�
DAC VREF=�.5V
—
300
500
μA
VOS
Input Offset Voltage
5V
With cali��ation
-4
—
4
�V
VHYS
Hyste�esis
5V
—
�0
40
�0
�V
VCM
Co��on Mode Voltage Range
5V
—
VSS
—
VDD - 1.4
V
D�L
Diffe�ential �onlinea�ity
5V
DAC VREF=VDD
—
—
±1
LSB
I�L
Integ�al �onlinea�ity
5V
DAC VREF=VDD
—
—
±1.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com