Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5N Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 202 page
background image
Rev. 1.00
90
�ove��e� 1�� �01�
Rev. 1.00
91
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
PTMC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
PTPAU
PTCK�
PTCK1
PTCK0
PTO�
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7
PTPAU:PTMCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditionthePTMwillremainpowered
upandcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhen
thisbitchangesfromlowtohighandresumecountingfromthisvaluewhenthebit
changestoalowvalueagain.
Bit6~4
PTCK2~PTCK0:SelectPTMCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fTBC
101:fH
110:PTCKrisingedgeclock
111:PTCKfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourceforthePTM.Theexternalpinclock
sourcecanbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSis
thesystemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhichcan
befoundintheoscillatorsection.
Bit3
PTON:PTMCounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionofthePTM.Settingthebithighenables
thecountertorun,clearingthebitdisablesthePTM.Clearingthisbittozerowill
stopthecounterfromcountingandturnoffthePTMwhichwillreduceitspower
consumption.Whenthebitchangesstatefromlowtohightheinternalcountervalue
willberesettozero,howeverwhenthebitchangesfromhightolow,theinternal
counterwillretainitsresidualvalueuntilthebitreturnshighagain.
IfthePTMisintheCompareMatchOutputMode,PWMoutputModeorSinglePulse
OutputModethenthePTMoutputpinwillberesettoitsinitialcondition,asspecified
bythePTOCbit,whenthePTONbitchangesfromlowtohigh.
Bit2~0
Unimplemented,readas"0"
PTMC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
PTM1
PTM0
PTIO1
PTIO0
PTOC
PTPOL
PTCAPTS PTCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PTM1~PTM0:SelectPTMOperatingMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodeforthePTM.Toensurereliableoperation
thePTMshouldbeswitchedoffbeforeanychangesaremadetothePTM1andPTM0
bits.IntheTimer/CounterMode,thePTMoutputpincontrolmustbedisabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com