Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C07L Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT47C07L
Description  R-F Type Low Voltage 8-bit Mask MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C07L Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT47C07L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Rev. 1.10
8
De�e��e� ��� �01�
Rev. 1.10
9
De�e��e� ��� �01�
HT47C07L/HT47C08L
R-F Type Low Voltage 8-bit Mask MCU
HT47C07L/HT47C08L
R-F Type Low Voltage 8-bit Mask MCU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
IOL�
I/O Po�t Sink Cu��ent
(RREFn� RSENn)
1.5V VOL=0.1VDD
�
7
—
�A
IOH�
I/O Po�t Sou��e Cu��ent
(RREFn� RSENn)
1.5V VOH=0.9VDD
-�
-5
—
�A
IOL�
LCD �o��on and seg�ent Sink Cu��ent
1.5V VOL=0.1VDD
50
100
—
μA
IOH�
LCD �o��on and seg�ent Sou��e Cu��ent 1.5V VOH=0.9VDD
-50
-100
—
μA
RPH
Pull-high Resistan�e of I/O Po�ts
1.5V
—
75
150
�00
kΩ
Note:*RstandsfortheRCtypeA/Dconverterresistance
*CstandsfortheRCtypeA/Dconvertercapacitance
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fLIRC�
LIRC� Os�illato� Clo�k
1.5V
—
10�.� 1�8.0 15�.6 kHz
tONLIRC
Sta�le Ti�e fo� LIRC� Os�illato�
1.5V
—
—
—
1
�s
fSYS
Syste� Clo�k
1.5V
—
�5
—
15�
kHz
tRES
Exte�nal Reset Low Pulse Width
1.5V
—
100
—
—
μs
fAD
A/D type RC os�illation f�equen�y 1.5V
—
—
—
50
kHz
fLCD
LCD D�ive� Clo�k F�equen�y
— User select by configuration option
—
�
—
kHz
Power-on Reset Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
─
─
─
─
100
�V
RRVDD
VDD Rising Rate to Ensu�e Powe�-on Reset
─
─
0.0�5
─
─
V/�s
tPOR
Mini�u� Ti�e fo� VDD Stays at VPOR to Ensu�e
Powe�-on Reset
─
─
1
─
─
�s
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com