Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C07L Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT47C07L
Description  R-F Type Low Voltage 8-bit Mask MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C07L Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT47C07L Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 22Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 23Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 24Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Rev. 1.10
�0
De�e��e� ��� �01�
Rev. 1.10
�1
De�e��e� ��� �01�
HT47C07L/HT47C08L
R-F Type Low Voltage 8-bit Mask MCU
HT47C07L/HT47C08L
R-F Type Low Voltage 8-bit Mask MCU
HT47C08L
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
---- ---0
---- ---0
---- ---0
---- ---0
---- ---0
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBC
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- -uuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--1 1 uuuu
INTC
--00 -000
--00 -000
--00 -000
--00 -000
--uu -uuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---u uuuu
PCC
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---u uuuu
TMRAH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRAL
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
-000 1---
-000 1---
-000 1---
-000 1---
-uuu u---
TMRBH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRBL
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
000x 0000
000x 0000
000x 0000
000x 0000
uuuu uuuu
Note:“u”standsforunchanged
“x”standsfor“unknown”
“-”standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com