Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C07L Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT47C07L
Description  R-F Type Low Voltage 8-bit Mask MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C07L Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT47C07L Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C07L Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Rev. 1.10
1�
De�e��e� ��� �01�
Rev. 1.10
1�
De�e��e� ��� �01�
HT47C07L/HT47C08L
R-F Type Low Voltage 8-bit Mask MCU
HT47C07L/HT47C08L
R-F Type Low Voltage 8-bit Mask MCU
De vi ce I ni ti a liz at io n Pr og ra m
Pr og ra m
RO M
16 b it s
Look -u p Ta bl e (2 56 wo rd s)
Ti me B as e In te rr up t S ub ro ut in e
Look -u p Ta bl e (2 56 wo rd s)
Ti me r/ ev en t Co unt er In te rr up t Su br ou ti ne
000H
004H
n FFH
100H
1 FFH
008H
Note:nisupto3forHT47C07Lwhilenisupto7forHT47C08L
Program Memory
Instruction(s)
Table Location
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [�]
P10
P9
P8
@7
@6
@5
@�
@�
@�
@1
@0
TABRDL [�]
1
1
1
@7
@6
@5
@�
@�
@�
@1
@0
Table Location
Note:*10~*0:Bitsoftablelocation
@7~@0:Bitsoftablepointer
P10~P0:Bitsofcurrentprogramcounter
ForHT47C07L,thebitsoftablelocationare10bits.
ForHT47C08L,thebitsoftablelocationare11bits.
Data Memory – RAM
Thedatamemoryisdividedintotwofunctionalgroups:specialfunctionregistersandgeneral-purpose
datamemory.Mostareread/write,butsomearereadonly.
Thespecialfunctionregistersincludetheindirectaddressingregister0(IAR0),thememorypointer
register0(MP0),theindirectaddressingregister1(IAR1),thememorypointerregister1(MP1),the
bankpointer(BP),theaccumulator(ACC),theprogramcounterlower-orderbyteregister(PCL),
thetablepointer(TBLP),thetablehigher-orderbyteregister(TBLH),thetimebasecontrolregister
(TBC),thestatusregister(STATUS),theinterruptcontrolregister(INTC),theI/Oregisters(PA;
PB;PC),I/Oportcontrolregister(PAC;PBC;PCC),thetimer/eventcounterAhigher-orderbyte
register(TMRAH),thetimer/eventcounterAlower-orderbyteregister(TMRAL),thetimer/event
countercontrolregister(TMRC),thetimer/eventcounterBhigher-orderbyteregister(TMRBH),
thetimer/eventcounterBlower-orderbyteregister(TMRBL),theRCoscillatortypeA/Dconverter
controlregister(ADCR).
Theremainingspacebeforethe80Harereservedforfutureexpandedusageandreadingthese
locationswillreturntheresult00H.Thegeneral-purposedatamemory,addressedfrom80HtoAFH
forHT47C07Lorfrom80HtoDFHforHT47C08L,isusedfordataandcontrolinformationunder
instructioncommand.
Alldatamemoryareascanhandlearithmetic,logic,increment,decrementandrotateoperations.
Exceptforsomededicatedbits,eachbitinthedatamemorycanbesetandresetbythe"SET[m].i"
and"CLR[m].i"instruction,respectively.Theyarealsoindirectlyaccessiblethroughmemory
pointerregisters(MP0;01H,MP1;03H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com