Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F007 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT66F007
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F007 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT66F007 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
Rev. 1.41
48
April 11, 2017
Rev. 1.41
49
April 11, 2017
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
Low Voltage Reset – LVR
Themicrocontrollerscontainalowvoltageresetcircuitinordertomonitorthesupplyvoltageofthe
devices,whichisselectedviatheLVRCregister.Ifthesupplyvoltageofthedevicedropstowithin
arangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,theLVRwillautomatically
resetthedeviceinternallyandtheLVRFbitintheCTRLregisterwillalsobesetto1.Foravalid
LVRsignal,alowvoltage,i.e.,avoltageintherangebetween0.9V~VLVRmustexistforgreater
thanthevaluetLVRspecifiedintheA.C.characteristics.Ifthelowvoltagestatedoesnotexceedthis
value,theLVRwillignorethelowsupplyvoltageandwillnotperformaresetfunction.Theactual
VLVRcanbeselectedbytheLVSbitsintheLVRCregister.IftheLVS7~LVS0bitsarechanged
tosomecertainvaluesbytheenvironmentalnoise,theLVRwillresetthedeviceafter2~3LIRC
clockcycles.Whenthishappens,theLRFbitintheCTRLregisterwillbesetto1.Afterpoweron
theregisterwillhavethevalueof01010101B.NotethattheLVRfunctionwillbeautomatically
disabledwhenthedevicesenterthepowerdownmode.
LVR
Internal Reset
tRSTD + tSST
Note:tRSTDispower-ondelay,typicaltime=50ms
Low Voltage Reset Timing Chart
• LVRC Register
Bit
7
6
5
4
3
2
1
0
Name
LVS7
LVS6
LVS5
LVS4
LVS3
LVS2
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
1
0
1
Bit7~0
LVS7~LVS0:LVRVoltageSelectcontrol
01010101:2.1V
00110011:2.55V
10011001:3.15V
10101010:3.8V
Anyothervalue:GeneratesMCUreset–registerisresettoPORvalue
Whenanactuallowvoltageconditionoccurs,asspecifiedbyoneofthefourdefined
LVRvoltagevaluesabove,anMCUresetwillbegenerated.Theresetoperationwill
beactivatedafter2~3LIRCclockcycles.Inthissituationthisregistercontentswill
remainthesameaftersucharesetoccurs.
Anyregistervalue,otherthanthefourdefinedvaluesabove,willalsoresultinthe
generationofanMCUreset.Theresetoperationwillbeactivatedafter2~3LIRC
clockcycles.HoweverinthissituationthisregistercontentswillberesettothePOR
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com