Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F007 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT66F007
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F007 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT66F007 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
Rev. 1.41
38
April 11, 2017
Rev. 1.41
39
April 11, 2017
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
Bit1
IDLEN:IDLEModeControl
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT
instructionisexecuted.Ifthisbitishigh,whenaHALTinstructionisexecutedthe
devicewillentertheIDLEMode.IntheIDLE1ModetheCPUwillstoprunning
butthesystemclockwillcontinuetokeeptheperipheralfunctionsoperational,if
FSYSONbitishigh.IfFSYSONbitislow,theCPUandthesystemclockwillallstop
inIDLE0mode.IfthebitislowthedevicewillentertheSLEEPModewhenaHALT
instructionisexecuted.
Bit0
HLCLK:SystemClockSelection
0:fH/2~fH/64orfL
1:fH
ThisbitisusedtoselectifthefHclockorthefH/2~fH/64orfLclockisusedasthe
systemclock.WhenthebitishighthefHclockwillbeselectedandiflowthe
fH/2~fH/64orfLclockwillbeselected.WhensystemclockswitchesfromthefHclock
tothefLclockandthefHclockwillbeautomaticallyswitchedofftoconservepower.
Fast Wake-up
TominimisepowerconsumptionthedevicescanentertheSLEEPorIDLE0Mode,wherethe
systemclocksourcetothedeviceswillbestopped.Howeverwhenthedevicesarewokenupagain,
itcantakeaconsiderabletimefortheoriginalsystemoscillatortorestart,stabiliseandallownormal
operationtoresume.ToensurethedevicesareupandrunningasfastaspossibleaFastWake-up
functionisprovided,whichallowsfSUB,namelytheLIRCoscillator,toactasatemporaryclock
tofirstdrivethesystemuntiltheoriginalsystemoscillatorhasstabilised.Astheclocksourcefor
theFastWake-upfunctionisfSUB,theFastWake-upfunctionisonlyavailableintheSLEEP1
andIDLE0modes.WhenthedevicesarewokenupfromtheSLEEP0mode,theFastWake-up
functionhasnoeffectbecausethefSUBclockisstopped.TheFastWake-upenable/disablefunctionis
controlledusingtheFSTENbitintheSMODregister.
IftheHXToscillatorisselectedastheNORMALModesystemclock,andiftheFastWake-up
functionisenabled,thenitwilltakeonetotwotSUBclockcyclesoftheLIRCoscillatorforthe
systemtowake-up.ThesystemwilltheninitiallyrununderthefSUBclocksourceuntil1024HXT
clockcycleshaveelapsed,atwhichpointtheHTOflagwillswitchhighandthesystemwillswitch
overtooperatingfromtheHXToscillator.
IftheHIRCoscillatorsorLIRCoscillatorisusedasthesystemoscillatorthenitwilltake15~16
clockcyclesoftheHIRCor1~2cyclesoftheLIRCtowakeupthesystemfromtheSLEEPor
IDLE0Mode.TheFastWake-upbit,FSTENwillhavenoeffectinthesecases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode, FSYSON=0)
Wake-up Time (IDLE1
Mode, FSYSON=1)
HXT
0
1024 HXT cycles 1024 HXT cycles
1~2 HXT cycles
1
1024 HXT cycles
1~2 fSUB cycles
(System runs with fSUB first for 1024 HXT cycles
and then switches over to run with the HXT clock)
1~2 HXT cycles
HIRC
×
15~16 HIRC cycles 15~16 HIRC cycles
1~2 HIRC cycles
LIRC
×
1~2 LIRC cycles 1~2 LIRC cycles
1~2 LIRC cycles
NotethatiftheWatchdogTimerisdisabled,whichmeansthattheLIRCisoff,thentherewillbeno
FastWake-upfunctionavailablewhenthedeviceswake-upfromtheSLEEP0Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com