Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F007 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F007
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F007 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F007 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F007 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
Rev. 1.41
12
April 11, 2017
Rev. 1.41
13
April 11, 2017
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fHIRC
System Clock (HIRC)
3V/5V
Ta=25°C
-2%
4
+2% MHz
3V/5V
-2%
8
+2% MHz
3V/5V
-2%
12
+2% MHz
3V/5V
Ta=0°C~70°C
-4%
4
+3% MHz
3V/5V
-4%
8
+3% MHz
3V/5V
-4%
12
+3% MHz
3V/5V
Ta=-40°C~85°C
-7%
4
+7% MHz
3V/5V
-7%
8
+7% MHz
3V/5V
-7%
12
+7% MHz
2.2V~4.0V
Ta=0°C~70°C
-9%
4
+6% MHz
3.0V~5.5V
-5%
4
+12% MHz
2.2V~4.0V
Ta=0°C~70°C
-9%
8
+5% MHz
3.0V~5.5V
-5%
8
+11% MHz
2.7V~4.0V Ta=0°C~70°C
-10%
12
+10% MHz
3.0V~5.5V Ta=0°C~70°C
-10%
12
+10% MHz
2.2V~4.0V Ta=-40°C~85°C
-12%
4
+6% MHz
3.0V~5.5V Ta=-40°C~85°C
-8%
4
+12% MHz
2.2V~4.0V Ta=-40°C~85°C
-12%
8
+6% MHz
3.0V~5.5V Ta=-40°C~85°C
-8%
8
+12% MHz
2.7V~4.0V Ta=-40°C~85°C
-13%
12
+13% MHz
3.0V~5.5V Ta=-40°C~85°C
-13%
12
+13% MHz
2.2V~5.5V
Ta=-40°C~85°C
-15%
4
+15% MHz
2.2V~5.5V
-15%
8
+15% MHz
2.7V~5.5V
-15%
12
+15% MHz
fLIRC
System Clock (LIRC)
5V
Ta=25°C
-10%
32
+10% kHz
2.2V~5.5V Ta=-40°C~85°C
-50%
32
+60% kHz
tTIMER
TCKn Input Pulse Width
─
─
0.3
─
─
μs
tINT
Interrupt Pulse Width
─
─
10
─
─
μs
tLVR
Low Voltage Width to Reset
─
─
120
240
480
μs
tSRESET
Software Reset Width to Reset
─
─
45
90
120
μs
tEERD
EEPROM Read Time
─
─
─
2
4
tSYS
tEEWR
EEPROM Write Time
─
─
─
2
4
ms
tSST
System Start-up Timer Period
(Wake-up from HALT)
─
fSYS=HXT
─
1024
─
tSYS
─
fSYS=HIRC
─
15~16
─
tSYS
─
fSYS=LIRC
─
1~2
─
tSYS
tRSTD
System Reset Delay Time
(Power On Reset, LVR reset, LVR S/W
reset(LVRC), WDT S/W reset(WDTC))
─
─
25
50
100
ms
System Reset Delay Time
(WDT normal reset)
─
─
8.3
16.7
33.3
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com