Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9352AL2-AX Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS9352AL2-AX
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2-AX Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS9352AL2-AX Datasheet HTML 2Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 3Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 4Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 5Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 6Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 9Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 6 of 19
Aug 24, 2015
ELECTRICAL CHARACTERISTICS (Tested with Sinc3 filter, 256 decimation ratio.)
(TYP.: TA = 25
C, VIN = VIN = 0 V, VDD1 = VDD2 = 5 V,
MIN., MAX.: refer to RECOMMENDED OPERATING CONDITIONS, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Integral Non-linearity *3
INL
200 mV  VIN  200 mV
3
30
LSB
0.01
0.14
%
Differential Non-linearity *4
DNL
200 mV  VIN  200 mV
1
LSB
Input Offset Voltage *5
VOS
3
0
3
mV
Input Offset Voltage Drift
vs. Temperature
dVOS/dTA
2
10
V/C
Input Offset Voltage Drift
vs. Supply Voltage
dVOS/dVDD1
0.1
mV/V
Internal Reference Voltage *6
VREF
320
mV
Absolute Internal Reference
Voltage Tolerance
GE
TA = 25
C
1
1
%
TA =
40 to 110C
3
3
%
Internal Reference Voltage Drift
vs. Temperature
dVREF/dTA
60
ppm/
C
Internal Reference Voltage Drift
vs. Supply Voltage
dVREF/dVDD1
0.2
mV/V
Input DC Common-Mode
Rejection Ratio *7
CMRRIN
70
dB
*3
Integral non-linearity (INL) is the maximum deviation between the ideal conversion line (best-fit line) and
measured points. The best-fit line is obtained by using the least-squares method from the differential input
voltage (VIN+
 VIN: VIN+ = 200 mV to 200 mV, VIN = 0 V) and the output data that is measured under the
circuit shown in Fig. 7 INL Test Circuit. INL is defined as the ratio (%) obtained by dividing [Half of the peak to
peak value of the deviation] by [full-scale differential input voltage 400 mV].
For example, if the differential input voltage is VIN+ =
200 mV to 200 mV, and the peak to peak value of the
deviation is 1.12 mV, Integral non-linearity is obtained as follows:
INL = 1.12 mV/(2
 400 mV) = 0.14%
And Input Full-Scale 640 mV (
320 to 320 mV) of PS9352AL2 is assigned 15 bits (215 = 32768).
Therefore, Least Significant Bit (LSB) is 19.5
V.
By LSB indication, above-mentioned INL is 1.12 mV/(2
 0.0195 mV) = 29 LSBs.
*4
Differential non-linearity (DNL) is the difference between a measured code width and ideal 1 LSB in the ADC
transfer curve.
*5
Input offset voltage (VOS) is a measured value after Sinc3 digital filter when the input voltage is 0 V (VIN+ = VIN- =
0 V).
*6
Absolute Internal Reference Voltage Tolerance (GE) is the gap rate between the ideal conversion line slope
(Slope = 1) and a best-fit line slope that provided by the least-squares method from a real conversion level output
for the differential input voltage (VIN+
 VIN-: VIN+ = 200 mV to 200 mV, VIN- = 0 V).
*7
Input DC Common-Mode Rejection Ratio (CMRRIN) is the ratio of the differential signal (VIN+ =
200 mV to 200
mV, VIN = 0 V) to the common-mode signal (VIN+ = VIN =
200 mV to 200 mV: Both input pins are connected).
CMRRIN is defined as follows,
CMRRIN (dB) = 20log (Vdo/Vco)
Vdo : Output voltage when the differential signal voltage input
Vco : Output voltage when the common-mode signal voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com