Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9352AL2-AX Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9352AL2-AX
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2-AX Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9352AL2-AX Datasheet HTML 6Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 9Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 10Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 11Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 12Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 13Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 10 of 19
Aug 24, 2015
TYPICAL CHARACTERISTICS (TA = 25
C, VIN = VIN = 0 V, VDD1 = VDD2 = 5 V,
tested with Sinc3 filter, 256 decimation ratio, unless otherwise specified)
9
10
11
12
13
14
15
-400
-200
0
200
400
-400
-200
0
200
400
4
5
6
7
8
9
9
10
11
12
13
14
15
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
4
5
6
7
8
9
-5
-4
-3
-2
-1
0
1
-400 -300 -200 -100
0
100 200 300 400
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-1
-0.5
0
0.5
1
1.5
2
Input Voltage VIN (mV)
VIN (V)
Ambient Temperature TA (°C)
Input Voltage VIN (mV)
Input Voltage VIN (mV)
Ambient Temperature TA (°C)
INPUT SUPPLY CURRENT vs.
INPUT VOLTAGE
OUTPUT SUPPLY CURRENT vs.
INPUT VOLTAGE
INPUT CURRENT vs. INPUT VOLTAGE
OUTPUT SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
INPUT CURRENT vs. INPUT VOLTAGE
INPUT SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Ta = -40
C
Ta = -40
C
110
C
110
C
VDD = 4.5V
VDD = 4.5V
5.5V
5.5V
IIN
IIN
25
C
25
C
5.0V
5.0V
VIN = 350mV
VIN = 350mV
Remark
The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com