Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9352AL2-AX Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # PS9352AL2-AX
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2-AX Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button PS9352AL2-AX Datasheet HTML 12Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 13Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 14Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 15Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 16Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 17Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 18Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 19Page - Renesas Technology Corp PS9352AL2-AX Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 16 of 19
Aug 24, 2015
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output at startup, the output
transistor may enter the on state, even if the voltage is within the absolute maximum ratings.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. Board designing
(1) Below figure shows a typical application circuit where the PS9352A is used. A digital filter (Sinc3 filter)
reduces high frequency quantization noise from the PS9352A and convers from one-bit data stream to 3-wire
serial data.
Fig. PS9352A Typical application circuit
(2) By-pass capacitor of more than 0.1
F is used between VDD and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
(3) Keep the pattern connected the input (VIN+, VIN–) and the output (MCLK, MDAT), respectively, as short as
possible. MCLK and MDAT are digital signal, but when the lines between the photocoupler and a digital filter
are long, the digital filter might not read the data.
When using long lines, use a line driver between the photocoupler and the digital filter, and keep the pattern
between the output (MCLK, MDAT) and the line driver as short as possible.
(4) Do not connect any routing to the portion of the frame exposed between the pins on the package of the
photocoupler. If connected, it will affect the photocoupler's internal voltage and the photocoupler will not
operate normally.
(5) Because the maximum frequency of the signal input to the photocoupler must be lower than the allowable
frequency band, be sure to connect an anti-aliasing filter (an RC filter with R = 39
 and C = 0.01
F, for
example).
(6) When VDD is lower than 4.5 V that is the outside of recommended operating condition, the output (MCLK,
MDAT) of this product is unstable, and this might produce undesirable operation. Be sure to check the
operation of an IC that is connected to this product during Power-up and Power-down process. And we
recommend to use a disable function (shutdown function) of the connected IC or a reset IC to avoid this
undesirable operation.
3. Avoid storage at a high temperature and high humidity.
VIN+
VIN-
MCLK
MDAT
+5V
0.1uF
39
0.01uF
CLK
DAT
VDD
GND
SCLK
SDAT
CS
VDD2
GND2
VDD1
GND1
PS9551A
+5V
0.1uF
RSHUNT
3-Wire Serial
Interface
Sinc3 Filter
PS9352A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com