Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7M2176 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Rev. 1.20
15
June 17, 2016
HT7M2126/27/36/56/76
Note:Thisisanexampleroutine:(SeeAppendixB:“SourceCode”)
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE);
// WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(0x02);
// Write MADD Register
i2c_write(0x00);
// Write data
i2c_write(0x54);
// Write data
i2c_stop();
// send STOP command
i2c_start();
// send START command
i2c_write(0x54& 0xFE);
// WRITE Command MUST use the new address
……
3. Trig Time Interval
• MODULE TRIG TIME INTERVAL → ADDRESS: 03H
Bit
15
14
13
12
11
10
9
8
Name
Titv15
Titv14
Titv13
Titv12
Titv11
Titv10
Titv9
Titv8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Name
Titv7
Titv6
Titv5
Titv4
Titv3
Titv2
Titv1
Titv0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 15~0
Titv15~Titv0
Triggerflagskeeptime:[Titv15:Titv0]×100ms(default10seconds)
Note:Ftrgflagkeeptimethatcanbeusedfordelayswitchingofthelightingcontrolproducts.Because
of the PIR signal characteristics, we recommend to set retention time above 500ms, otherwise
there will be a single detection trigger repeat status when using single trigger function. While the
continuity trigger that will not have this condition.
4. EEPROM ACCESS
• MODULE EEPROM ACCESS → ADDRESS: 04H
Bit
15
14
13
12
11
10
9
8
Name
Dbit7
Dbit6
Dbit5
Dbit4
Dbit3
Dbit2
Dbit1
Dbit0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Name
—
EEOK
R/W
—
EEADD3
EEADD2
EEADD1
EEADD0
R/W
—
R/W
R/W
—
R/W
R/W
R/W
R/W
Bit 15~8
Dbit7~Dbit0: EEPROM data
Bit 7
Unimplemented, read as 0
Bit 6
EEOK
1:Read/WriteEEPROMFinish,needtoclrbyuser
0: Read /Write command not execute yet or failed
Bit 5
R/W: EEPROM Read/Write Control
1: Read EEPROM
0: Write EEPROM
Bit 4
Unimplemented, read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com