Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7M2176 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 22Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 23Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 24Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 25Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Rev. 1.20
22
June 17, 2016
HT7M2126/27/36/56/76
/********************************************************************
* Function Name: i2c_stop
* Return Value: void
* Parameters: void
* Description: Send I2C Stop command
********************************************************************/
void i2c_stop(void) {
SDA_OUT();
//sda output
IIC_SCL_L(); //IIC_SCL=0;
IIC_SDA=0;
//STOP:when CLK is high DATA change form low to high
_delay(4);
IIC_SCL_H();
IIC_SDA=1;
_delay(4);
}
/********************************************************************
* Function Name: i2c_write
* Return Value:
* Parameters: Single data byte for I2C2 bus.
* Description: This routine writes a single byte to the
* I2C2 bus.
********************************************************************/
void i2c_write( unsigned char txd ) {
uint8 t,buf;
SDA_OUT();
IIC_SCL_L();//IIC_SCL=0;
for(t=0;t<8;t++)
{
buf=txd&0x80;
IIC_SDA = buf>>7;
//IIC_SDA=(txd&0x80)>>7;
txd<<=1;
_delay(2);
IIC_SCL_H();
//IIC_SCL=1;
_delay(2);
IIC_SCL_L();
//IIC_SCL=0;
_delay(2);
}
}
/********************************************************************
* Function Name: i2c_read
* Return Value: read iic data
* Parameters: ack = 1 and nak = 0
* Description: Read a byte from I2C bus and ACK/NAK device
********************************************************************/
unsigned char i2c_read( unsigned char ack ) {
unsigned char i,receive=0;
SDA_IN();
for(i=0;i<8;i++ )
{
IIC_SCL_L();
//IIC_SCL=0;
_delay(2);
IIC_SCL_H();
//IIC_SCL=1;
receive<<=1;
if(READ_SDA)receive++;
_delay(2);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com