Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7M2176 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 21Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 22Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Rev. 1.20
19
June 17, 2016
HT7M2126/27/36/56/76
Bit 0
Ftrg
1: PIR Trigged
0: No PIR Trigged
Note:Thisisanexampleroutine:(SeeAppendixB:“SourceCode”)
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE); // WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(0x08);
// Write PIRRAW Register
i2c_start();
// send Repeat START command
i2c_write(AddressByte | 0x01); // READ Command
// also, make sure bit 0 is set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits (UpperByte = MSB)
// and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits (LowerByte =LSB)
// and Send NAK bit
9. Manufacture ID
• MANUFACTURE ID (MID) → ADDRESS: 09H
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
1
0
0
R/W
R
R
R
R
R
R
R
R
Bit
7
6
5
4
3
2
1
0
Name
1
1
0
1
1
0
0
1
R/W
R
R
R
R
R
R
R
R
Bit 15~0
Manufacture ID = 0x04D9
Note:Thisisanexampleroutine:(SeeAppendixB:“SourceCode”)
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE); // WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(0x09);
// Write MID Register
i2c_start();
// send Repeat START command
i2c_write(AddressByte | 0x01); // READ Command
// also, make sure bit 0 is set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits (UpperByte = 0x04)
// and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits (LowerByte = 0xd9)
// and Send NAK bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com