Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16D35B Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT16D35B
Description  RAM Mapping 28횞8 Constant Current LED Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16D35B Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT16D35B Datasheet HTML 45Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 46Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 47Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 48Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 49Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 50Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 51Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 52Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Rev. 1.00
49
January 12, 2017
HT16D35A/HT16D35B
2.WhenUSEGfunctionisdisabled–Normaldisplay
ThesetupconditionfortheUSEGRAMdatacontrolandfordisablingtheUSEGfunctionisshownasfollows.
TherelationshipbetweenthedrivingROWandtheUSEGRAMisasfollows.
Normal display
ROW0
ROW1
ROW2
ROW3
ROW4
ROW5
ROW6
ROW7
ROW8
ROW9
ROW10
ROW11
ROW12
ROW13
ROW14
ROW15
ROW16
ROW17
ROW18
ROW19
ROW20
ROW21
ROW22
ROW23
ROW24
ROW25
ROW26
ROW27
Universal
address
point set
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
00h
01h
02h
03h
04h
05h
06h
07h
08h
1Bh
USEG Display
ROW0
ROW1
ROW2
ROW3
ROW4
ROW5
ROW6
ROW7
ROW8
ROW9
ROW10
ROW11
ROW12
ROW13
ROW14
ROW15
ROW16
ROW17
ROW18
ROW19
ROW20
ROW21
ROW22
ROW23
ROW24
ROW25
ROW26
ROW27
USEN bit = '1'
ROW0
ROW1
ROW2
ROW3
ROW4
ROW5
ROW6
ROW7
ROW8
ROW9
ROW10
ROW11
ROW12
ROW13
ROW14
ROW15
ROW16
ROW17
ROW18
ROW19
ROW20
ROW21
ROW22
ROW23
ROW24
ROW25
ROW26
ROW27
USEN bit = '0'
ROW
output
ROW
output
USEG
RAM
Normal display
ROW
output
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
Original
display
RAM
address
COM0
COM7
COM0
COM7
COM0
COM7
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
Original
display
RAM
address
Write Matrix Masking Data
ThedevicecontainsaversatileMatrixdisplaymaskingcontrolfunction.Thewholedisplaycanbemadetodisplay
amaskingrangeforeachdotbytheMatrixdisplaymaskingcommand.Thiscommandparameterisvalidated
duringtheTiming1periodofeachframewhenthecommandisset.
ThiscommandisusedtosetuptheMatrixdisplaymaskingaddressandcontroltheon/offstateoftheCOMand
ROWpins.Thecommandformatisasfollows.
Command
R/W
Bit7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Def.
Write Matrix Masking Data
W
1
0
0
0
1
0
0
0
88h
W
0
0
0
A4
A3
A2
A1
A0
00h
W
Write Matrix Masking Data
00h
Note:ThefunctionissuitablefortheGrayModeonly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com