Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16D35B Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT16D35B
Description  RAM Mapping 28횞8 Constant Current LED Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16D35B Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT16D35B Datasheet HTML 5Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 6Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 7Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 8Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 9Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 10Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 11Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 12Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
Rev. 1.00
9
January 12, 2017
HT16D35A/HT16D35B
ThefollowingIVcurveissuppliedforreference.
0.000
10.000
20.000
30.000
40.000
50.000
60.000
VDS (V)
IROW v.s. VDS @ VDD=5V
Rext=300Ω
Rext=333Ω
Rext=500Ω
Rext=750Ω
Rext=1KΩ
Rext=1.5KΩ
Rext=2KΩ
Rext=4KΩ
Rext=5KΩ
Setting the Output Current
Theoutputcurrent(IROW)issetupusinganexternalresistor,R_EXT.ThemaximumLEDcurrentcanbecalculated
usingthefollowingformula:
IROW_MAX[A]=15/R_EXT(Ω)(Typ.)
AsawarningitshouldbenotedthatthemaximumLEDcurrentvalueis45mA.
ThedefaultrelationshipbetweenIROWandR_EXTisshowninthefollowingfigure.
0.00
10.00
20.00
30.00
40.00
50.00
60.00
REXT (Ω)
IROW v.s. REXT
IROW
TheMaximumROWcurrentandDeltaROWcurrentvaluesareshowninthenexttable.IftheR_EXTvalueis
changed,thenewLEDcurrentstepcanbeseenfromthetable.TherecommendedvalueforR_EXTis500Ω.
R_EXT (Ω)
5K
3K
2.5K
1.5K
1K
750
600
500
375
300
IROW_MAX (mA)
3
5
6
10
15
20
25
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com