Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16D35B Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT16D35B
Description  RAM Mapping 28횞8 Constant Current LED Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16D35B Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT16D35B Datasheet HTML 35Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 36Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 37Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 38Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 39Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 40Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 41Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 42Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Rev. 1.00
39
January 12, 2017
HT16D35A/HT16D35B
Read Flag
Thereadregisterstatusflagformatisshownasfollows.
Command
R/W
Bit7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Def.
Read Flag
W
0
1
1
1
0
0
0
1
70h
R
0
0
0
0
0
0
0
0
00h
R
X
X
X
X
X
X
COM0
flag
TSD
flag
00h
COM0 Flag
COM Scanning Location
Remarks
0
Other COM
—
1
COM0
—
TSD Flag Chip Junction Temperature
Remarks
0
<125°C
Default
When the chip junction temperatures drops below 125°C.
The TSD flag bit is cleared to “0”.
1
>150°C
When the chip junction temperatures exceeds 150°C.
The TSD flag bit is set to “1”.
TherelationshipbetweentheCOMscanninglocationandtheCOM0flagisshownisasfollows.
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM0
1 Frame
COM0 FLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com